PART |
Description |
Maker |
X24645 X24645P X24645P-2.7 X24645PI X24645PI-2.7 X |
Voltage Regulator IC; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes 先进2线串行e2座门锁TM保护胎膜早破 Isolated Flyback Switching Regulator with 9V Output 隔离反激式开关稳9V输出 IC SW REG STEP-UP 1.4A SOT23-5 IC STEP-UP SW REG 1.4A 10-MLPD Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
|
TOKO, Inc. STMicroelectronics N.V. Electronic Theatre Controls, Inc. XICOR[Xicor Inc.]
|
UCP-3.3/15-D48S UCP-3.3/15-D24N UCP-3.3/15-D48N UC |
5V STEP-DOWN CURRENT MODE PWM DC-DC CONVERTERS 3 A, 900 kHz, monolithic synchronous step-down regulator 2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification Synchronous rectification with enable, 0.7 A, 1.7 MHz fixed or adjustable step-down switching regulator in TSOT23-5L 型DC - DC电压转换 Synchronous rectification with inhibit, 1.5 A, 1.5 MHz fixed or adjustable, step-down switching regulator 型DC - DC电压转换
|
TE Connectivity, Ltd.
|
LTC3544 |
Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
|
Linear Technology Corporation
|
5962-8981706UX 5962-8981704UX 5962-8981704ZA |
Dynamically Adjustable, Synchronous Step-Down Controller for Notebook CPUs High-Speed, Adjustable, Synchronous Step-Down Controllers with Integrated Voltage Positioning x8存储 x8 EPROM x8存储
|
Toshiba, Corp. Glenair, Inc.
|
EV2104DJ-00A CMD4D06-100 MP2104DJ-1.8 MP2104DJ-1.5 |
1.7MHz, 600mA Synchronous Step-Down Converter 1.4 A SWITCHING REGULATOR, 2080 kHz SWITCHING FREQ-MAX, PDSO5 1.7MHz, 600mA Synchronous Step-Down Converter .7MHz00mA的同步降压转换器
|
Monolithic Power Systems, Inc.
|
MP2303DQ |
3A, 28V, 340KHz Synchronous Rectified Step-Down Converter 6.3 A SWITCHING REGULATOR, 400 kHz SWITCHING FREQ-MAX, PDSO10 3A, 28V, 340KHz Synchronous Rectified Step-Down Converter A8V的,340KHz的同步整流降压转换器
|
Monolithic Power Systems, Inc.
|
AP3421A AP3421DNTR-G1 |
1.3MHz, DUAL 1.0A SYNCHRONOUS STEP-DOWN CONVERTER 1.3MHz, DUAL 1.0A SYNCHRONOUS STEP-DOWN CONVERTERS
|
Diodes
|
LTC3427 LTC3427EDC LTC3427EDCTRM |
500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm x 2mm DFN Package; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 0.5 A SWITCHING REGULATOR, 1500 kHz SWITCHING FREQ-MAX, PDSO6 500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm × 2mm DFN Package 500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 】 2mm DFN Package
|
Linear Technology, Corp.
|
R123.D001A R123.D181A R123.D181A-TR R123.D001A-TL |
PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier 0.8 A SWITCHING REGULATOR, 920 kHz SWITCHING FREQ-MAX, PDSO8 PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier 脉宽调制/ VFM的降压型DC / DC同步整流转换 PWM/VFM Step-down DC/DC Converter with Synchronous Rectifier 0.8 A SWITCHING REGULATOR, 575 kHz SWITCHING FREQ-MAX, PDSO8
|
RICOH electronics devices division Ricoh Co., Ltd.
|
LTC1879 LTC1879EGN |
1.2A Synchronous Step-Down Regulator with 15mA Quiescent Current 1.2A Synchronous Step-Down Regulator with 15uA Quiescent Current
|
Linear Technology
|